PART |
Description |
Maker |
AD5555CRU AD5555CRU-REEL7 AD5545 AD5545BRU-REEL7 A |
Precision DUAL 16-Bit 14-Bit-DACs in Compact TSSOP Packages Dual/ Current-Output/ Serial-Input/ 16-/14-Bit DAC Dual, Current-Output, Serial-Input, 16-/14-Bit DAC SERIAL INPUT LOADING, 0.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SPT5240 SPT5240SIT |
10-bit, 400MHz Current Output DAC 10-bit, 400 MWPS Current Output Digital-to-Analog Converter 10-bit / 400 MWPS Current Output Digital-to-Analog Converter
|
Fairchild Semiconductor Corporation
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
LTC1427-50 LTC1427CS8-50 14275 |
From old datasheet system Micropower, 10-Bit Current Output DAC with SMBus Serial Interface Micropower/ 10-Bit Current Output DAC with SMBus Serial Interface
|
LINER[Linear Technology]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
LTC1329A-50-15 |
Micropower 8-Bit Current Output D/A Converter
|
Linear Technology
|
AD5543 AD5553 |
Current-Output Serial-Input, 16-/14-Bit DAC
|
Analog Devices
|
MAX518110 MAX5184BEEG |
10-Bit, 40MHz, Current/Voltage-Output DACs
|
Maxim Integrated Products Maxim Integrated Produc...
|